PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
5962-8981706UX 5962-8981704UX 5962-8981704ZA |
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning x8存储 x8 EPROM x8存储
|
Toshiba, Corp. Glenair, Inc.
|
ST1CC40PUR ST1CC40DR ST1CC40 |
3 A, 850 KHz, MONOLITHIC SYNCHRONOUS STEP-DOWN CONSTANT CURRENT LED DRIVER 3 A monolithic step-down current source with synchronous rectification
|
ST Microelectronics STMicroelectronics
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3834-1 LTC3834EGN-1-PBF LTC3834EGN-1-TRPBF LTC3 |
30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
MB3881PFF MB3881 |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
LTC1875 LTC1875EGN |
15A Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator 1.5A, 15uA Quiescent Current Monolithic Synchronous Step-Down Regulator 15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|